Part Number Hot Search : 
CLL5234B 2SK16 LC895925 EPCOS NTE30109 SMK830FZ GD4027 MSC81002
Product Description
Full Text Search
 

To Download BAR88-02LRH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2010-03-05 1 bar88... silicon pin diode ? optimized for low current antenna switches in hand held applications ? very low forward resistance (typ. 1.5 ? @ i f = 1 ma) ? low capacitance at zero volt reverse bias at frequencies above 1 ghz (typ. 0.28 pf) ? very low signal distortion ? pb-free (rohs compliant) package 1) ? qualified according aec q101 BAR88-02LRH bar88-02v   type package configuration l s (nh) marking BAR88-02LRH bar88-02v tslp-2-7 sc79 single, leadless single 0.4 0.6 u8 u 1 pb-containing package may be available upon special request maximum ratings at t a = 25c, unless otherwise specified parameter symbol value unit diode reverse voltage v r 80 v forward current i f 100 ma total power dissipation BAR88-02LRH t s 133c bar88-02v, t s 123c p tot 250 250 mw junction temperature t j 150 c operating temperature range t op -55 ... 125 storage temperature t stg -55 ... 150
2010-03-05 2 bar88... thermal resistance parameter symbol value unit junction - soldering point 1) BAR88-02LRH bar88-02v r thjs 65 105 k/w electrical characteristics at t a = 25c, unless otherwise specified parameter symbol values unit min. typ. max. dc characteristics breakdown voltage i (br) = 5 a v (br) 80 - - v reverse current v r = 60 v i r - - 50 na forward voltage i f = 1 ma i f = 100 ma v f - - 0.75 0.95 0.9 1.2 v 1 for calculation of r thja please refer to application note thermal resistance
2010-03-05 3 bar88... electrical characteristics at t a = 25c, unless otherwise specified parameter symbol values unit min. typ. max. ac characteristics diode capacitance v r = 1 v, f = 1 mhz v r = 0 v, f = 100 mhz v r = 0 v, f = 1 ghz v r = 0 v, f = 1.8 ghz c t - - - - 0.3 0.4 0.28 0.25 0.4 - - - pf reverse parallel resistance v r = 0 v, f = 100 mhz v r = 0 v, f = 1 ghz v r = 0 v, f = 1.8 ghz r p - - - 65 2.5 1.5 - - - k ? forward resistance i f = 1 ma, f = 100 mhz i f = 5 ma, f = 100 mhz i f = 10 ma, f = 100 mhz r f - - - 1.5 0.8 0.6 2.5 - - ? charge carrier life time i f = 10 ma, i r = 6 ma, measured at i r = 3 ma, r l = 100 ? rr - 500 - ns i-region width w i - 13 - m insertion loss 1) i f = 1 ma, f = 1.8 ghz i f = 5 ma, f = 1.8 ghz i f = 10 ma, f = 1.8 ghz i l - - - 0.11 0.07 0.06 - - - db isolation 1) v r = 0 v, f = 0.9 ghz v r = 0 v, f = 1.8 ghz v r = 0 v, f = 2.45 ghz i so - - - 15 11 9 - - - 1 BAR88-02LRH in series configuration, z = 50 ?
2010-03-05 4 bar88... diode capacitance c t = ? (v r ) f = parameter 0 2 4 6 8 10 12 14 16 v 20 v r 0.1 0.15 0.2 0.25 0.3 0.35 0.4 pf 0.5 c t 1 mhz 100 mhz 1 ghz 1.8 ghz reverse parallel resistance r p = ? ( v r ) f = parameter 0 2 4 6 8 10 12 14 16 v 20 v r -1 10 0 10 1 10 2 10 3 10 4 10 kohm r p 100 mhz 1 ghz 1.8 ghz forward resistance r f = ? ( i f ) f = 100mhz 10 -2 10 -1 10 0 10 1 10 2 ma i f -1 10 0 10 1 10 2 10 ohm r f forward current i f = ? ( v f ) t a = parameter 0 0.2 0.4 0.6 0.8 v 1.2 vf -9 10 -8 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 a if -40c +25c +85c +125c
2010-03-05 5 bar88... forward current i f = ? ( t s ) BAR88-02LRH 0 15 30 45 60 75 90 105 120 c 150 t s 0 10 20 30 40 50 60 70 80 90 100 ma 120 i f forward current i f = ? ( t s ) bar88-02v 0 15 30 45 60 75 90 105 120 c 150 t s 0 10 20 30 40 50 60 70 80 90 100 ma 120 i f permissible puls load r thjs = ? ( t p ) BAR88-02LRH 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 10 1 c t p -1 10 0 10 1 10 2 10 k/w r thjs 0.5 0.2 0.1 0.05 0.02 0.01 0.005 d = 0 permissible pulse load i fmax / i fdc = ? ( t p ), BAR88-02LRH 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 c t p 0 10 1 10 2 10 i fmax / i fdc d = 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
2010-03-05 6 bar88... permissible puls load r thjs = ? ( t p ) bar88-02v 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 c t p -1 10 0 10 1 10 2 10 3 10 k/w r thjs 0.5 0.2 0.1 0.05 0.02 0.01 0.005 d = 0 permissible pulse load i fmax / i fdc = ? ( t p ) bar88-02v 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 c t p 0 10 1 10 2 10 i fmax / i fdc d = 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5 isolation i so = -| s 21 | 2 = ? (f) v r = paramter BAR88-02LRH in series configuration, z = 50 ? 0 1 2 3 4 ghz 6 f -30 -25 -20 -15 -10 db 0 | s 21 | 2 0 v 1 v 10 v insertion loss i l = -|s 21 | 2 = ? ( f ) i f = parameter BAR88-02LRH in series configuration, z = 50 ? 0 1 2 3 4 ghz 6 f -0.4 -0.35 -0.3 -0.25 -0.2 -0.15 -0.1 db 0 | s 21 | 2 10 ma 5 ma 1 ma 0.5 ma 0.1 ma
2010-03-05 7 bar88... package sc79 package outline foot print marking layout (example) standard packing reel ?180 mm = 3.000 pieces/reel reel ?180 mm = 8.000 pieces/reel (2 mm pitch) reel ?330 mm = 10.000 pieces/reel 0.1 1.6 0.3 1 2 marking cathode 0.8 0.1 10 ? max. 0.1 1.2 a 0.05 10 ? max. 0.13 a 0.2 m +0.05 -0.03 0.04 0.55 0.05 0.2 0.35 0.35 1.35 bar63-02v type code cathode marking laser marking 2 0.66 0.93 0.4 1.33 1.96 8 0.2 cathode marking 4 cathode marking standard reel with 2 mm pitch 2005, june date code
2010-03-05 8 bar88... date code marking for discrete packages with one digit (scd80, sc79, sc75 1) ) ces-code 1) new marking layout for sc75, implemented at october 2005. . month 2003 2004 2005 2006 2007 2008 2009 2010 2011 2012 2013 2014 01apapapapapap 02bqbqbqbqbqbq 03crcrcrcrcrcr 04d s dsd s dsd s ds 05e t ete t ete t et 06fufufufufufu 07gvgvgvgvgvgv 08h xhxh xhxh xhx 09jyjyjyjyjyjy 10k z kzk z kzk z kz 11l 2l4 l 2l4 l 2l4 12n 3n5n 3n5n 3n5
2010-03-05 9 bar88... package tslp-2-7 1 2 0.05 0.6 1 2 0.05 0.65 0.035 0.25 1) 1 0.05 0.05 max. +0.01 0.39 -0.03 1) dimension applies to plated terminal cathode marking 1) 0.035 0.5 bottom view top view package outline foot print marking layout (example) standard packing reel ?180 mm = 15.000 pieces/reel reel ?330 mm = 50.000 pieces/reel (optional) for board assembly information please refer to infineon website "packages" 0.45 0.275 0.275 0.375 0.925 copper solder mask stencil apertures 0.35 1 0.6 0.35 0.3 0.76 4 1.16 0.5 cathode marking 8 bar90-02lrh type code cathode marking laser marking
2010-03-05 10 bar88... edition 2009-11-16 published by infineon technologies ag 81726 munich, germany ? 2009 infineon technologies ag all rights reserved. legal disclaimer the information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. with respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, infineon technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights of any third party. information for further information on technology, delivery terms and conditions and prices, please contact the nearest infineon technologies office ( ). warnings due to technical requirements, components may contain dangerous substances. for information on the types in question, please contact the nearest infineon technologies office. infineon technologies components may be used in life-support devices or systems only with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered.


▲Up To Search▲   

 
Price & Availability of BAR88-02LRH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X